Part Number Hot Search : 
5KPA45CA MAX220 2SK3302 82333C S78L08F 74F74 8HC90 87833
Product Description
Full Text Search
 

To Download SA80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8700 E. Thomas Road Scottsdale, AZ 85252 Phone: (480) 941-6300 Fax: (480) 947-1503
FEATURES:
* * * * * ECONOMICAL SERIES AVAILABLE IN BOTH UNIDIRECTIONAL AND BI-DIRECTIONAL CONSTRUCTION 5.0 TO 170 STAND-OFF VOLTAGE AVAILABLE 500 WATTS PEAK PULSE POWER DISSIPATION QUICK RESPONSE
SA5.0 thru SA170A
DESCRIPTION:
This Transient Voltage Suppressor is an economical, molded, commercial product used to protect voltage sensitive components from destruction or partial degradation. -12 The response time of their clamping action is virtually instantaneous (1 x 10 seconds) and they have a peak pulse power rating of 500 watts for 1 ms as depicted in Figure 1 and 2. Microsemi also offers a great variety of other Transient Voltage Suppressor's to meet higher and lower power demands and special applications.
5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
DO-41
Peak Pulse Power Dissipation at 25C: 500 Watts Steady State Power Dissipation: 2.5 Watts at TL = +75C
MAXIMUM RATINGS:
2 x .032 .002 [.81 .05]
3/8" Lead Length tclamping (0 volts to BV Min.): -12 -9 Unidirectional <1x10 Seconds: Bi-directional <5x10 Seconds. Operating and Storage Temperature: -55 to +175C
TYPICAL CHARACTERISTIC CURVES PEAK PULSE POWER (Ppp) OR CONTINUOUS POWER IN PERCENT OF 25C RATING 100
PULSE CURRENT IN PERCENT OF Ipp Peak Value Ipp 100 Pulse Time Duration (tp) is Defined as that point where Ip decays to 50% of I surge
.107 [2.72] max.
.205 [5.21] MAX.
2 X1.10 [27.94] MIN.
POLARITY Mark {cathode}
75
Peak Power (Single pulse)
50
50
Continuous Average Power Lead Length = 3/8"
1
25
2 3 4 TIME (t) IN MILLISECONDS
NOTE: DIMENSIONS IN [ ] =MILLIMETERS
FIGURE 2
0 50 100 150 175
PULSE WAVEFORM FOR EXPONENTIAL SURGE
T L LEAD TEMPERATURE C FIGURE 1 DERATING CURVE
MECHANICAL CHARACTERISTICS CASE: Void free transfer molded thermosetting plastic. FINISH: Readily solderable. POLARITY: Band denotes cathode. Bi-directional not marked. WEIGHT: 0.7 gram (Appx.). MOUNTING POSITION: Any
MSC1400.PDF 03-20-00
SA5.0 thru SA170A ELECTRICAL CHARACTERISTICS AT 25C
PART NUMBER BREAKDOWN VOLTAGE V(BR) TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MIN. MAX MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55C TO 175C V(BR)
SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA6A SA17 SA17A SA18 SA18A SA20 SA20A
VOLTS 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2
VOLTS 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5
mA 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20
ADC 600 600 600 600 400 400 150 150 50 50 25 25 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4
AMP 52 54.3 43.9 48.5 40.7 44.7 37.8 41.7 35.0 38.8 33.3 36.7 31.4 34.7 29.5 32.5 26.6 29.4 24.9 27.4 22.7 25.1 21.0 23.2 19.4 21.5 18.8 20.6 17.6 19.2 16.4 18.1 15.5 17.2 13.9 15.4
% / C .057 .057 .059 .059 .061 .061 .065 .065 .067 .067 .070 .070 .073 .073 .076 .076 .078 .078 .081 .081 .082 .082 .084 .084 .086 .086 .087 .087 .088 .088 .090 .090 .092 .092 .093 .093
MSC1400.PDF 03-20-00
SA5.0 thru SA170A ELECTRICAL CHARACTERISTICS AT 25C
PART NUMBER BREAKDOWN VOLTAGE V(BR) TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MIN. MAX MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55C TO 175C V(BR)
SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A
VOLTS 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3
VOLTS 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102.0 92.1
mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75
ADC 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0
AMP 12.7 14.1 11.6 12.8 10.7 11.9 9.9 11.0 9.3 10.3 8.5 9.4 7.8 8.6 7.0 7.8 6.5 7.2 6.2 6.9 5.8 6.5 5.5 6.1 5.2 5.7 4.9 5.3 4.7 5.2 4.4 4.9 4.0 4.4 3.7 4.1
% / C .094 .094 .096 .096 .097 .097 .098 .098 .099 .099 .100 .100 .101 .101 .101 .101 .102 .102 .102 .102 .103 .103 .103 .103 .104 .104 .104 .104 .104 .104 .105 .105 .105 .105 .105 .105
MSC1400.PDF 03-20-00
SA5.0 thru SA170A ELECTRICAL CHARACTERISTICS AT 25C
PART NUMBER BREAKDOWN VOLTAGE V(BR) TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MIN. MAX MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55C TO 175C V(BR)
SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A
VOLTS 86.7 86.7 94.4 94.4 100.0 100.0 111.0 111.0 122.0 122.0 133.0 133.0 144.0 144.0 167.0 167.0 178.0 178.0 189.0 189.0
VOLTS 106.0 95.8 115.0 104.0 122.0 111.0 136.0 123.0 149.0 135.0 163.0 147.0 176.0 159.0 204.0 185.0 218.0 197.0 231.0 209.0
mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
ADC 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
VOLTS 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 231.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0
AMP 3.6 4.0 3.3 3.6 3.1 3.4 2.8 3.1 2.6 2.8 2.3 2.0 2.2 2.4 1.9 2.1 1.7 1.9 1.6 1.8
% / C .106 .106 .106 .106 .107 .107 .107 .107 .107 .107 .107 .107 .108 .108 .108 .108 .108 .108 .108 .108
Note: For Bi-directional construction, indicate a C or CA suffix after the part number, i.e. SA5.0CA
MSC1400.PDF 03-20-00
SA5.0 thru SA170A
10000 C-CAPACITANCE - PICOFARADS MEASURED AT ZERO BIAS 1000
100 MEASURED AT STANDOFF VOLTAGE 10 0 V (BR) 10 100 1000 - BREAKDOWN VOLTAGE - VOLTS
FIGURE 3
TYPICAL CAPACITANCE VS BREAKDOWN VOLTAGE
70 50 30 20
(PPP) - Peak Pulse Power, (kW)
T C = 25C
10 7.0 5.0 3.0 2.0 1.0
tw
Ipp
1.0 0.5
IMPULSE EXPONENTIAL DECAY
0.7 0.5 0.3 0.2 0.1 0.1
Ipp
tw tp HALF SINE t w = .7tP
Ipp
SQUARE tw CURRENT WAVE FORM
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
10000
tw - Pulse Width s FIGURE 4 PEAK PULSE POWER VS. PULSE TIME
MSC1400.PDF 03-20-00


▲Up To Search▲   

 
Price & Availability of SA80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X